lcd panel display FE0401 purdy electronics corporation ? 720 palomar avenue ? sunnyvale, ca 94085 1 tel: 408.523.8200 ? fax: 408.733.1287 ? sales@purdyelectronics.com ? www.purdyelectronics.com 11/26/08 FE0401 6 digits, 0.5 inch (12.7mm) character height pin assignments dp1 dp2 dp3 dp4 dp5 a1 g1 d1 b 1 f 1 c 1 e 1 a2 g2 d2 b 2 f 2 c 2 e 2 a3 g3 d3 b 3 f 3 c 3 e 3 a4 g4 d4 b 4 f 4 c 4 e 4 a5 g5 d5 b 5 f 5 c 5 e 5 a6 g6 d6 b 6 f 6 c 6 e 6 .500 (12,70) 1.200 (30,48) .700 (17,78) minimum viewing area 1.500 (38,10) .060 (1,52) 50 places .250 (6,35) 50 26 25 1 2.750 (69,85) 2.550 minimum viewing area (64,77) .100 (2,54) typical seal path .040 (1,02) 48 places .100 typ. (2,54) .125 (3,17) b p e 1 d 1 c 1 d p 1 e 2 d 2 c 2 d p 2 e 3 d 3 c 3 d p 3 e 4 d 4 c 4 d p 4 e 5 d 5 c 5 d p 5 e 6 d 6 c 6 b 6 g 1 f 1 a 1 b 1 g 2 f 2 a 2 b 2 l g 3 f 3 a 3 b 3 g 4 f 4 a 4 b 4 l g 5 f 5 a 5 b 5 g 6 f 6 a 6 viewing direction 1.300 (33,02) .250 (6,35) actual size notes : 1. maximum thickness includes front and back polarizers plus re?ector attached. 2. dimensions are expressed as: inches mm () ------------------- - pin # seg. pin # seg. pin # seg. pin # seg. pin # seg. pin # seg. pin # seg. pin # seg. pin # seg. pin # seg. 1 bp 6 e2 11 d3 16 c4 21 dp5 26 a6 31 f5 36 f4 41 g3 46 g2 2 e1 7 d2 12 c3 17 dp4 22 e6 27 f6 32 g5 37 g4 42 l 47 b1 3 d1 8 c2 13 dp3 18 e5 23 d6 28 g6 33 l 38 b3 43 b2 48 a1 4 c1 9 dp2 14 e4 19 d5 24 c6 29 b5 34 b4 39 a3 44 a2 49 f1 5 dp1 10 e3 15 d4 20 c5 25 b6 30 a5 35 a4 40 f3 45 f2 50 g1 product specifications contained herein may be changed without prior notice. it is therefore advisable to contact purdy electronics before proceeding with the design of equipment incorporating this produc t. ? rohs compliant
|